Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3C Datasheet (PDF) - Diotech Company.

ES3C Datasheet PDF - Diotech Company.
Part # ES3C
Download  ES3C Download
File Size   882.03 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES3C Datasheet (PDF)

Go To PDF Page Download Datasheet
ES3C Datasheet PDF - Diotech Company.

Part # ES3C
Download  ES3C Click to download

File Size   882.03 Kbytes
Page   2 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES3C Datasheet (HTML) - Diotech Company.


ES3C Product details

Reverse Voltage - 50 to 600 Volts Forward Current - 3.0 Ampere



FEATURES

• The plastic package carries Underwriters Laboratory

   Flammability Classification 94V-0

• For surface mounted applications

• Super fast switching for high efficiency

• Low reverse leakage

• Built-in strain relief, ideal for automated placement

• High forward surge current capability

• High temperature soldering guaranteed: 250°C/10 seconds at terminals



 




Similar Part No. - ES3C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3C DIODES-ES3C Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Fuji Electric
ES3C FUJI-ES3C Datasheet
723Kb / 1P
3 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES3C GE-ES3C Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
ES3C TSC-ES3C Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3C TSC-ES3C Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
More results


Similar Description - ES3C

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com