Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL-2 Datasheet (PDF) - Riedon Powertron

SL-2 Datasheet PDF - Riedon Powertron
Part # SL-2
Download  SL-2 Download
File Size   285.3 Kbytes
Page   2 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Surface Mount Wirewound Resistors

SL-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL-2 Datasheet PDF - Riedon Powertron

Part # SL-2
Download  SL-2 Click to download

File Size   285.3 Kbytes
Page   2 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Surface Mount Wirewound Resistors

SL-2 Datasheet (HTML) - Riedon Powertron


SL-2 Product details

Surface Mount Wirewound Resistors

• Resistance: 0.005 to 50kOhms
• High Power: to 4Watts
• Tolerance to ±0.01%
• Low Temperature Coefficient to ±20ppm/K
• Superior Surge Handling Capability
• Reel Packaging
• Non-Inductive Windings are Available (Type SN)




Similar Part No. - SL-2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SL-2 RIEDON-SL-2 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
logo
SkyHigh Memory Limited
SL-2 SKYHIGHMEMORY-SL-2 Datasheet
539Kb / 2P
SkyHogh ONF1.0 SLC NAND FLASH MEMORY
logo
Cooper Bussmann, Inc.
SL-20 COOPER-SL-20 Datasheet
147Kb / 2P
Rejection base plug fuses ??time-delay,
logo
Eaton All Rights Reserv...
SL-20 EATON-SL-20 Datasheet
147Kb / 2P
Rejection base plug fuses ??time-delay, 125 volts, 15-30 amps
logo
COTEK ELECTRONIC IND. C...
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
More results


Similar Description - SL-2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-150RF1 RIEDON-S3-150RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com