Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1839M Datasheet (PDF) - Sanyo Semicon Device

LB1839M Datasheet PDF - Sanyo Semicon Device
Part # LB1839M
Download  LB1839M Download
File Size   89.55 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver

LB1839M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1839M Datasheet PDF - Sanyo Semicon Device

Part # LB1839M
Download  LB1839M Click to download

File Size   89.55 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver

LB1839M Datasheet (HTML) - Sanyo Semicon Device


LB1839M Product details

Overview

The LB1839M is a low-voltage, low-saturation, three-input type two-channel bidirectional motor driver that permits switching between constant-voltage regulated output and saturated output. The design of the LB1839M is ideal for a two-phase bipolar driver for stepping motors.



Features

. Wide operating voltage range (3.0 to 9.0 V).

. Low saturation voltage

   VO(sat) = 0.40 V at IO= 200 mA.

. Consumes almost no current in standby mode (0.1 µA or less).

. Permits setting of bidirectional constant-voltage regulated value.

. Three-input type that is ideal for a two-phase bipolar driver.

. Permits switching between constant-voltage regulated output and saturated output.

. Built-in reference voltage coupled to input.

. Compact MFP14S package.




Similar Part No. - LB1839M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1830 SANYO-LB1830 Datasheet
36Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1830M SANYO-LB1830M Datasheet
36Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1830M SANYO-LB1830M Datasheet
89Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
Bidirectional Motor Driver
logo
ON Semiconductor
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
Bidirectional Motor Driver
May, 2013
More results


Similar Description - LB1839M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1837M SANYO-LB1837M Datasheet
86Kb / 5P
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1840M SANYO-LB1840M Datasheet
73Kb / 5P
Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1837M SANYO-LB1837M_10 Datasheet
82Kb / 5P
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1837M SANYO-LB1837M_12 Datasheet
82Kb / 5P
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com