Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1830 Datasheet (PDF) - Sanyo Semicon Device

LB1830 Datasheet PDF - Sanyo Semicon Device
Part # LB1830
Download  LB1830 Download
File Size   36.32 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications

LB1830 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1830 Datasheet PDF - Sanyo Semicon Device

Part # LB1830
Download  LB1830 Click to download

File Size   36.32 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications

LB1830 Datasheet (HTML) - Sanyo Semicon Device


LB1830 Product details

Overview

The LB1830M is a low-saturation bidirectional motor driver ICwith brake function for use in low-voltage applications. As both of forward and reverse outputs are regulated, it is especially suited for use in portable equipment.





Features

•Wide operating voltage range: 3.0 to 9.0 V

•Low saturation voltage: 0.2V at IO= 40mA (typ)

•Low current drain at standby mode (0.1μA or less)

•Brake function

•Regulated voltage value (forward/reverse) setting available by one variable resistor

•Regulated output/saturation output switching available

•Built-in spark killer diodes

•Small package: MFP10S




Similar Part No. - LB1830

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M Datasheet
89Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
Bidirectional Motor Driver
logo
ON Semiconductor
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Similar Description - LB1830

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1630 SANYO-LB1630 Datasheet
53Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1630M SANYO-LB1630M Datasheet
54Kb / 2P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1831M SANYO-LB1831M Datasheet
70Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1833M SANYO-LB1833M Datasheet
69Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1834M SANYO-LB1834M Datasheet
71Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1836M SANYO-LB1836M Datasheet
91Kb / 5P
Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
LB1838M SANYO-LB1838M Datasheet
67Kb / 4P
Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com