Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101V Datasheet (PDF) - Diodes Incorporated

BAW101V Datasheet PDF - Diodes Incorporated
Part # BAW101V
Download  BAW101V Download
File Size   100.21 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE DUAL SWITCHING DIODE

BAW101V Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW101V Datasheet PDF - Diodes Incorporated

Part # BAW101V
Download  BAW101V Click to download

File Size   100.21 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE DUAL SWITCHING DIODE

BAW101V Datasheet (HTML) - Diodes Incorporated


BAW101V Product details

Features
• Fast Switching Speed: Maximum of 50ns
• High Reverse Breakdown Voltage: 325V for Single Diode or
   650V for Series Connection
• Two Electrically Isolated Elements in a Single Compact Package
• Low Leakage Current: Maximum of 50nA when VR = 5V or
   Maximum of 150nA when VR = 250V at Room Temperature
• Thermally Efficient Copper Alloy leadframe for High Power
   Dissipation
• Lead, Halogen and Antimony Free, RoHS Compliant (Note 3)
• "Green" Device (Note 4)




Similar Part No. - BAW101V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAW101V DIODES-BAW101V_15 Datasheet
100Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
More results


Similar Description - BAW101V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G Datasheet
123Kb / 3P
Dual Series High Voltage Switching Diode
August, 2009 ??Rev. 5
logo
Diodes Incorporated
BAW101S DIODES-BAW101S Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
DS32177 Rev. 4 - 2
MMBD5004S DIODES-MMBD5004S Datasheet
89Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAW101S DIODES-BAW101S_15 Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAW101V DIODES-BAW101V_15 Datasheet
100Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD5004ACS DIODES-MMBD5004ACS_15 Datasheet
101Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
logo
NXP Semiconductors
BAS21PG PHILIPS-BAS21PG_15 Datasheet
250Kb / 13P
Dual isolated high-voltage switching diode
9 June 2015
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G_16 Datasheet
99Kb / 3P
Dual Series High Voltage Switching Diode
October, 2016 ??Rev. 7
logo
Diodes Incorporated
MMBD5004A DIODES-MMBD5004A Datasheet
284Kb / 5P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
logo
Yangzhou yangjie electr...
BAV23AQ YANGJIE-BAV23AQ Datasheet
311Kb / 4P
Dual High-voltage Switching Diode
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com