Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101V Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAW101V
Description  HIGH VOLTAGE DUAL SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW101V Datasheet(HTML) 2 Page - Diodes Incorporated

  BAW101V Datasheet HTML 1Page - Diodes Incorporated BAW101V Datasheet HTML 2Page - Diodes Incorporated BAW101V Datasheet HTML 3Page - Diodes Incorporated BAW101V Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAW101V
Document number: DS32178 Rev. 4 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
BAW101V
0125
175
300
100
200
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve, Total Package
A
°
25
100
50
75
150
50
150
250
350
400
450
500
Note 2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6 1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
0.1
1
10
100
1,000
0.1
1
10
100
1,000
10,000
100,000
0
50
100
150
200
250
300
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
T = -
ºC
A
55
T = 25ºC
A
T = 5ºC
A
8
T = 125ºC
A
T = 150ºC
A
0
0.2
0.4
0.6
0.8
1.0
1.2
010
20
30
40
Ordering Information (Notes 5 & 6)
Part Number
Case
Packaging
BAW101V-7
SOT-563
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
6. Package is non-polarized. Parts may be on reel in orientation illustrated, 180° rotated, or mixed (both ways).
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
Code
X
Y
Z
A
B
C
D
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
K95 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: X = 2010)
M = Month (ex: 9 = September)
K95
YM
K95
YM
OR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com