Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1846 Datasheet (PDF) - Sanyo Semicon Device

LB1846 Datasheet PDF - Sanyo Semicon Device
Part # LB1846
Download  LB1846 Download
File Size   104.0 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver

LB1846 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1846 Datasheet PDF - Sanyo Semicon Device

Part # LB1846
Download  LB1846 Click to download

File Size   104.0 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver

LB1846 Datasheet (HTML) - Sanyo Semicon Device


LB1846 Product details

Overview

The LB1846M and LB1848M are 2-channel low-voltage, low saturation voltage type bidirectional motor driver ICs

that are optimal for use as 2-phase stepping motor drivers in printers, floppy disk drives, and cameras and other

portable equipment.



Features

• Optimal for 1-2 phase excitation drive for 2-phase stepping motors (LB1846M)

• Optimal for 2 phase excitation drive for 2-phase stepping motors (LB1848M)

• Low saturation voltage. VO(sat) = 0.55 V typical at IO=400 mA

• Standby current: zero

• Thermal shutdown circuit

• Miniature package: MFP-10S (6.5 ×5.1 mm)

• Through-current prevention circuit (LB1848M only)

• “Soft off” function that reduces power supply line noise when switching from drive to standby modes. (Requires the use of one external capacitor.) (LB1848M only)

• No limitations on the magnitude relationship between the power supply voltage (VCC) and the input voltage

(VIN)




Similar Part No. - LB1846

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846M SANYO-LB1846M Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1846MC ONSEMI-LB1846MC Datasheet
114Kb / 4P
Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Similar Description - LB1846

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com