Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS2540M Datasheet (PDF) - Diodes Incorporated

DSS2540M Datasheet PDF - Diodes Incorporated
Part # DSS2540M
Download  DSS2540M Download
File Size   132.93 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR

DSS2540M Datasheet (PDF)

Go To PDF Page Download Datasheet
DSS2540M Datasheet PDF - Diodes Incorporated

Part # DSS2540M
Download  DSS2540M Click to download

File Size   132.93 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR

DSS2540M Datasheet (HTML) - Diodes Incorporated


DSS2540M Product details

Features
• BVCEO > 40V
• IC = 500mA High Collector Current
• ICM = 1A Peak Pulse Current
• PD = 1000mW Power Dissipation
• Low Collector-Emitter Saturation Voltage, VCE(sat)
• 0.60mm2 Package Footprint, 13 times Smaller than SOT23
• 0.5mm Height Package Minimizing Off-Board Profile
• Complementary NPN Type DSS3540M
• Totally Lead Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. "Green" Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - DSS2540M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS2540M DIODES-DSS2540M_15 Datasheet
409Kb / 7P
40V NPN LOW VCE(sat) TRANSISTOR
Rev 4
More results


Similar Description - DSS2540M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS3540M DIODES-DSS3540M Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31821 Rev. 2 - 2
DSS5240Y DIODES-DSS5240Y Datasheet
151Kb / 6P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31683 Rev. 2 - 2
DSS5540X DIODES-DSS5540X Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31653 Rev. 2 - 2
DSS4240Y-7 DIODES-DSS4240Y-7 Datasheet
133Kb / 5P
40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
DSS2540M DIODES-DSS2540M_15 Datasheet
409Kb / 7P
40V NPN LOW VCE(sat) TRANSISTOR
Rev 4
DSS5240Y DIODES-DSS5240Y_15 Datasheet
151Kb / 6P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5540X DIODES-DSS5540X_15 Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS4240Y DIODES-DSS4240Y_15 Datasheet
133Kb / 5P
40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
DSS4240T DIODES-DSS4240T_15 Datasheet
103Kb / 5P
40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
Rev 4
DSS4240Y DIODES-DSS4240Y Datasheet
133Kb / 5P
40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
March 2011
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com