Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS5540X Datasheet (PDF) - Diodes Incorporated

DSS5540X Datasheet PDF - Diodes Incorporated
Part # DSS5540X
Download  DSS5540X Download
File Size   132.81 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR

DSS5540X Datasheet (PDF)

Go To PDF Page Download Datasheet
DSS5540X Datasheet PDF - Diodes Incorporated

Part # DSS5540X
Download  DSS5540X Click to download

File Size   132.81 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR

DSS5540X Datasheet (HTML) - Diodes Incorporated


DSS5540X Product details

Features
• BVCEO > -40V
• IC = -4A Continuous Collector Current
• Ultra Low Collector-Emitter Saturation Voltage
• Ideally Suited for Automated Assembly Processes
• Ideal for Medium Power Switching or Amplification Applications
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q101, PPAP capable, and
   manufactured in IATF 16949 certified facilities), please
   contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - DSS5540X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5540X DIODES-DSS5540X_15 Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
More results


Similar Description - DSS5540X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS2540M DIODES-DSS2540M Datasheet
132Kb / 5P
40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
DS31820 Rev. 3 - 2
DSS3540M DIODES-DSS3540M Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31821 Rev. 2 - 2
DSS5240Y DIODES-DSS5240Y Datasheet
151Kb / 6P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31683 Rev. 2 - 2
DSS4240Y-7 DIODES-DSS4240Y-7 Datasheet
133Kb / 5P
40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
DSS3540M DIODES-DSS3540M_15 Datasheet
414Kb / 7P
40V PNP LOW VCE(sat) TRANSISTOR
Rev 5
DSS5240Y DIODES-DSS5240Y_15 Datasheet
151Kb / 6P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5540X DIODES-DSS5540X_15 Datasheet
132Kb / 5P
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS4240Y DIODES-DSS4240Y_15 Datasheet
133Kb / 5P
40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
DSS4240T DIODES-DSS4240T_15 Datasheet
103Kb / 5P
40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
Rev 4
DSS4240Y DIODES-DSS4240Y Datasheet
133Kb / 5P
40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
March 2011
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com