Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1860M Datasheet (PDF) - Sanyo Semicon Device

LB1860M Datasheet PDF - Sanyo Semicon Device
Part # LB1860M
Download  LB1860M Download
File Size   79.66 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Variable Speed Fan Motor Driver

LB1860M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1860M Datasheet PDF - Sanyo Semicon Device

Part # LB1860M
Download  LB1860M Click to download

File Size   79.66 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Variable Speed Fan Motor Driver

LB1860M Datasheet (HTML) - Sanyo Semicon Device


LB1860M Product details

Overview
The LB1860 series ICs are drivers for two-phase unipolar drive DC brushless fan motors. They have functions such as driving, lock protection, restart and speed control.

Features and Functions
• Two-speed mode select function requiring less external component additions: Full speed and Low speed. Or, thermistor-controlled continuous variable-speed function according to ambient operation temperatures.
    → Motor starts rotating at a low speed.
• Motor lock protection and automatic return circuit built in
• Output transistors: Output current IO = 1.5 A, output circuit protection Zener diodes (LB1860: M-Vz = 57 V/ LB1861: M-Vz = 32 V)
    → Enables low-level noise protection with chip capacitor.
• Built-in thermal shutdown circuit
• Built-in rotation detect function (Drive mode: ‘‘L’’, Stop mode: ‘‘H’’)
• The LB1860 series can be operated from either 12 V or 24 V power supply by changing an external resistor. (Strong protection against power supply surge)
• Connectable direct to a Hall element




Similar Part No. - LB1860M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1860M ONSEMI-LB1860M Datasheet
138Kb / 8P
Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
LB1860M-TLM-E ONSEMI-LB1860M-TLM-E Datasheet
138Kb / 8P
Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
LB1860M-TLM-H ONSEMI-LB1860M-TLM-H Datasheet
138Kb / 8P
Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results


Similar Description - LB1860M

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Sanyo Semicon Device
LB1965M SANYO-LB1965M Datasheet
61Kb / 6P
Two-Phase Unipolar Driver for Variable-Speed Fan Motor
logo
Anpec Electronics Corop...
APX9270 ANPEC-APX9270 Datasheet
352Kb / 17P
Direct PWM Variable Speed Fan Motor Driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Anpec Electronics Corop...
APX6861 ANPEC-APX6861 Datasheet
156Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
Direct PWM Variable Speed Fan Motor Driver
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com