Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX555TA Datasheet (PDF) - Diodes Incorporated

FCX555TA Datasheet PDF - Diodes Incorporated
Part # FCX555TA
Download  FCX555TA Download
File Size   142.18 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 180V High voltage PNP switching transistor in SOT89

FCX555TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX555TA Datasheet PDF - Diodes Incorporated

Part # FCX555TA
Download  FCX555TA Click to download

File Size   142.18 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 180V High voltage PNP switching transistor in SOT89

FCX555TA Datasheet (HTML) - Diodes Incorporated


FCX555TA Product details

Features
• BVCEO > -150V
• BVCEV > -180V
• IC = -700mA high Continuous Collector Current
• Low saturation voltage VCE(sat) < -300mV @ -100mA
• Complementary NPN type: FCX495
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FCX555TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX555TA ZETEX-FCX555TA Datasheet
148Kb / 6P
180V High voltage PNP switching transistor in SOT89
More results


Similar Description - FCX555TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX555 ZETEX-FCX555 Datasheet
148Kb / 6P
180V High voltage PNP switching transistor in SOT89
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
150V, SOT89, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
150V, SOT89, PNP High voltage transistor
AUGUST 2007
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 4
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
2DA1213O DIODES-2DA1213O_15 Datasheet
268Kb / 6P
50V PNP POWER SWITCHING TRANSISTOR IN SOT89
Rev 5
FCX555 DIODES-FCX555_15 Datasheet
245Kb / 7P
150V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
FCX558 DIODES-FCX558_15 Datasheet
563Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
2DA1213YQ DIODES-2DA1213YQ Datasheet
422Kb / 6P
50V PNP POWER SWITCHING TRANSISTOR IN SOT89
December 2019 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com