Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP5401Z Datasheet (PDF) - Diodes Incorporated

ZXTP5401Z Datasheet PDF - Diodes Incorporated
Part # ZXTP5401Z
Download  ZXTP5401Z Download
File Size   253.73 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V, SOT89, PNP High voltage transistor

ZXTP5401Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP5401Z Datasheet PDF - Diodes Incorporated

Part # ZXTP5401Z
Download  ZXTP5401Z Click to download

File Size   253.73 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V, SOT89, PNP High voltage transistor

ZXTP5401Z Datasheet (HTML) - Diodes Incorporated


ZXTP5401Z Product details

Features
• BVCEO > -150V
• IC = -600mA Continuous Current
• Low Saturation Voltage VCE(sat) < -0.5V @ -50mA
• PD = 1.2W Power Dissipation
• Complementary part number ZXTN5551Z
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - ZXTP5401Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
150V, SOT89, PNP High voltage transistor
ZXTP5401ZTA ZETEX-ZXTP5401ZTA Datasheet
241Kb / 8P
150V, SOT89, PNP High voltage transistor
More results


Similar Description - ZXTP5401Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN17 ZETEX-BFN17 Datasheet
17Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST15 ZETEX-BST15 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
150V, SOT89, PNP High voltage transistor
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL Datasheet
168Kb / 8P
150V, SOT23, PNP High voltage transistor
AUGUST 2007
ZXTP5401G DIODES-ZXTP5401G Datasheet
250Kb / 8P
150V, SOT223, PNP High voltage transistor
AUGUST 2007
logo
Fairchild Semiconductor
FCX596TA FAIRCHILD-FCX596TA Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX555 DIODES-FCX555_15 Datasheet
245Kb / 7P
150V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com