Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP5401G Datasheet (PDF) - Diodes Incorporated

ZXTP5401G Datasheet PDF - Diodes Incorporated
Part # ZXTP5401G
Download  ZXTP5401G Download
File Size   250.02 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V, SOT223, PNP High voltage transistor

ZXTP5401G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP5401G Datasheet PDF - Diodes Incorporated

Part # ZXTP5401G
Download  ZXTP5401G Click to download

File Size   250.02 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V, SOT223, PNP High voltage transistor

ZXTP5401G Datasheet (HTML) - Diodes Incorporated


ZXTP5401G Product details

Description
A high voltage PNP transistor in a surface mount package

Features
• 150V rating
• SOT223 package

Applications
• High voltage amplification




Similar Part No. - ZXTP5401G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
ZXTP5401GTA ZETEX-ZXTP5401GTA Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
ZXTP5401GTC ZETEX-ZXTP5401GTC Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
More results


Similar Description - ZXTP5401G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
150V, SOT89, PNP High voltage transistor
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL Datasheet
168Kb / 8P
150V, SOT23, PNP High voltage transistor
AUGUST 2007
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
150V, SOT89, PNP High voltage transistor
AUGUST 2007
FZT758 DIODES-FZT758_15 Datasheet
525Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 3
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
FZT755 DIODES-FZT755_15 Datasheet
620Kb / 7P
150V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com