Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP5401FL Datasheet (PDF) - Diodes Incorporated

ZXTP5401FL Datasheet PDF - Diodes Incorporated
Part # ZXTP5401FL
Download  ZXTP5401FL Download
File Size   168.1 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V, SOT23, PNP High voltage transistor

ZXTP5401FL Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP5401FL Datasheet PDF - Diodes Incorporated

Part # ZXTP5401FL
Download  ZXTP5401FL Click to download

File Size   168.1 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V, SOT23, PNP High voltage transistor

ZXTP5401FL Datasheet (HTML) - Diodes Incorporated


ZXTP5401FL Product details

Features and Benefits
• BVCEO > -150V
• Maximum Continuous Collector Current IC = -600mA
• Excellent hFE Characteristics up to IC = -50mA
• Low Saturation Voltages
• Complementary part number ZXTN5551FL
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZXTP5401FL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
ZXTP5401FLTA ZETEX-ZXTP5401FLTA Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 2
More results


Similar Description - ZXTP5401FL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
150V, SOT89, PNP High voltage transistor
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
150V, SOT223, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401G DIODES-ZXTP5401G Datasheet
250Kb / 8P
150V, SOT223, PNP High voltage transistor
AUGUST 2007
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
150V, SOT89, PNP High voltage transistor
AUGUST 2007
FMMT560TC DIODES-FMMT560TC Datasheet
478Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 10
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com