Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX718 Datasheet (PDF) - Diodes Incorporated

FCX718 Datasheet PDF - Diodes Incorporated
Part # FCX718
Download  FCX718 Download
File Size   71.08 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR

FCX718 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX718 Datasheet PDF - Diodes Incorporated

Part # FCX718
Download  FCX718 Click to download

File Size   71.08 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR

FCX718 Datasheet (HTML) - Diodes Incorporated


FCX718 Product details

Features
• BVCEO = -20V
• IC = -2.5A Continuous Current
• Low Saturation Voltage VCE(sat) < -40mV @ -100mA
• Rsat = 96mΩ for a Low Equivalent On-Resistance
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - FCX718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX718 ZETEX-FCX718 Datasheet
50Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX718 KEXIN-FCX718 Datasheet
52Kb / 2P
PNP Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX718 DIODES-FCX718_15 Datasheet
71Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
More results


Similar Description - FCX718

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX717 DIODES-FCX717 Datasheet
65Kb / 2P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
MAY 1999
FCX789A DIODES-FCX789A Datasheet
95Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX1147A DIODES-FCX1147A Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX1151A DIODES-FCX1151A Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX790ATA DIODES-FCX790ATA Datasheet
48Kb / 4P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
OCTOBER 2005
logo
List of Unclassifed Man...
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX718 DIODES-FCX718_15 Datasheet
71Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX1147A DIODES-FCX1147A_15 Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX1149A DIODES-FCX1149A_15 Datasheet
124Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1999
FCX1151A DIODES-FCX1151A_15 Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com