Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT558 Datasheet (PDF) - Diodes Incorporated

FMMT558 Datasheet PDF - Diodes Incorporated
Part # FMMT558
Download  FMMT558 Download
File Size   127.15 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR

FMMT558 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT558 Datasheet PDF - Diodes Incorporated

Part # FMMT558
Download  FMMT558 Click to download

File Size   127.15 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR

FMMT558 Datasheet (HTML) - Diodes Incorporated


FMMT558 Product details

Features
• BVCEO > -400V
• IC = -150mA high Continuous Collector Current
• ICM = -500mA Peak Pulse Current
• 500mW Power Dissipation
• Excellent hFE Characteristics Up To -100mA
• Complementary NPN Type: FMMT458
• Totally Lead-Free & Fully RoHS compliant (Note 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)




Similar Part No. - FMMT558

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT558 ZETEX-FMMT558 Datasheet
122Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT558 DIODES-FMMT558 Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT558QTA DIODES-FMMT558QTA Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT558QTA DIODES-FMMT558QTA Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FMMT558TA DIODES-FMMT558TA Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
More results


Similar Description - FMMT558

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
FMMT2907 ZETEX-FMMT2907 Datasheet
41Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
FMMT4125 ZETEX-FMMT4125 Datasheet
27Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FMMT4126 ZETEX-FMMT4126 Datasheet
36Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM
JANUARY 1997
FMMT593 DIODES-FMMT593 Datasheet
124Kb / 2P
SOT23 PNP SILICON PLANAR
NOVEMBER 1995
FMMT597 DIODES-FMMT597 Datasheet
114Kb / 2P
SOT23 PNP SILICON PLANAR
OCTOBER 1995
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
FMMTA64 DIODES-FMMTA64 Datasheet
43Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTOR
MARCH 2001
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com