Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT593 Datasheet (PDF) - Diodes Incorporated

FMMT593 Datasheet PDF - Diodes Incorporated
Part # FMMT593
Download  FMMT593 Download
File Size   124.87 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR

FMMT593 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT593 Datasheet PDF - Diodes Incorporated

Part # FMMT593
Download  FMMT593 Click to download

File Size   124.87 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR

FMMT593 Datasheet (HTML) - Diodes Incorporated


FMMT593 Product details

Features
• BVCEO > -100V
• IC = -1A High Continuous Collector Current
• ICM = -2A Peak Pulse Current
• Low Saturation Voltage
• Excellent hFE Characteristics up to IC = -1A
• Complementary NPN Type: FMMT493
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• High-Side Driver
• Load Disconnect Switch
• Motor Drive




Similar Part No. - FMMT593

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT593 KEXIN-FMMT593 Datasheet
35Kb / 2P
High Voltage Transistor
logo
Weitron Technology
FMMT593 WEITRON-FMMT593 Datasheet
292Kb / 4P
General Purpose Transistor PNP Silicon
logo
Micro Commercial Compon...
FMMT593 MCC-FMMT593 Datasheet
205Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
FMMT593 HTSEMI-FMMT593 Datasheet
448Kb / 1P
TRANSISTOR (PNP)
More results


Similar Description - FMMT593

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
FMMT2907 ZETEX-FMMT2907 Datasheet
41Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
FMMT4125 ZETEX-FMMT4125 Datasheet
27Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FMMT4126 ZETEX-FMMT4126 Datasheet
36Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
FMMT558 DIODES-FMMT558 Datasheet
127Kb / 2P
SOT23 PNP SILICON PLANAR
JANUARY 1996
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM
JANUARY 1997
FMMT597 DIODES-FMMT597 Datasheet
114Kb / 2P
SOT23 PNP SILICON PLANAR
OCTOBER 1995
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
FMMTA64 DIODES-FMMTA64 Datasheet
43Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTOR
MARCH 2001
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com