Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591TA Datasheet (PDF) - Diodes Incorporated

FMMT591TA Datasheet PDF - Diodes Incorporated
Part # FMMT591TA
Download  FMMT591TA Download
File Size   298.08 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Medium power PNP transistor in SOT23

FMMT591TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT591TA Datasheet PDF - Diodes Incorporated

Part # FMMT591TA
Download  FMMT591TA Click to download

File Size   298.08 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Medium power PNP transistor in SOT23

FMMT591TA Datasheet (HTML) - Diodes Incorporated


FMMT591TA Product details

Features
• BVCEO > -60V
• IC = -1A High Continuous Collector Current
• ICM = -2A Peak Pulse Current
• Rsat = 295mΩ for a Low Equivalent On-Resistance
• hFE characterised up to -2A for High Current Gain Hold Up
• Complementary NPN Type: FMMT491
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/
• An Automotive-Compliant Part is Available Under Separate
   Datasheet (FMMT591Q)




Similar Part No. - FMMT591TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591TA DIODES-FMMT591TA Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
More results


Similar Description - FMMT591TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
BCW68H DIODES-BCW68H_15 Datasheet
199Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev erse
BCW68H DIODES-BCW68H Datasheet
199Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
December 2012 Rev. 6 - 2
BCX38A DIODES-BCX38A Datasheet
95Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
December 2012 Rev. 6 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com