Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT624TA Datasheet (PDF) - Diodes Incorporated

FMMT624TA Datasheet PDF - Diodes Incorporated
Part # FMMT624TA
Download  FMMT624TA Download
File Size   202.14 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT-23

FMMT624TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT624TA Datasheet PDF - Diodes Incorporated

Part # FMMT624TA
Download  FMMT624TA Click to download

File Size   202.14 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT-23

FMMT624TA Datasheet (HTML) - Diodes Incorporated


FMMT624TA Product details

Features
• BVCEO > 125V
• IC = 1A high Continuous Collector Current
• ICM = 3A Peak Pulse Current
• RCE(sat) = 160mΩ for a low equivalent On-Resistance
• 625mW Power dissipation
• hFE specified up to 3A for high current gain hold up
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC / DC-AC Modules
• Regulator
• LED driver
• CCFL Backlighting Inverters




Similar Part No. - FMMT624TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT624 ZETEX-FMMT624 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Diodes Incorporated
FMMT624 DIODES-FMMT624 Datasheet
307Kb / 4P
SOT23 NPN SILICON POWER
NOVEMBER 1995
logo
Guangdong Kexin Industr...
FMMT624 KEXIN-FMMT624 Datasheet
950Kb / 4P
NPN Transistors
logo
Diodes Incorporated
FMMT624 DIODES-FMMT624_15 Datasheet
215Kb / 7P
125V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results


Similar Description - FMMT624TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN26070CV DIODES-ZXTN26070CV Datasheet
145Kb / 7P
70V NPN LOW SATURATION TRANSISTOR IN SOT-666
DS32129 Rev. 3 - 2
BFS17N DIODES-BFS17N Datasheet
126Kb / 6P
NPN RF TRANSISTOR IN SOT-23
DS32160 Rev. 2 - 2
FMMT625 DIODES-FMMT625 Datasheet
187Kb / 6P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
APRIL 97
ZXTN649F DIODES-ZXTN649F Datasheet
122Kb / 7P
NPN LOW VCE(sat) TRANSISTOR IN SOT-23
Rev 2
ZXTN26070CV DIODES-ZXTN26070CV_15 Datasheet
145Kb / 7P
70V NPN LOW SATURATION TRANSISTOR IN SOT-666
Rev 3
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
logo
Foshan Blue Rocket Elec...
2SC1815M FOSHAN-2SC1815M Datasheet
893Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC1959M FOSHAN-2SC1959M Datasheet
662Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC2712 FOSHAN-2SC2712 Datasheet
924Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC2812 FOSHAN-2SC2812 Datasheet
981Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com