Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN649F Datasheet (PDF) - Diodes Incorporated

ZXTN649F Datasheet PDF - Diodes Incorporated
Part # ZXTN649F
Download  ZXTN649F Download
File Size   122.47 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN LOW VCE(sat) TRANSISTOR IN SOT-23

ZXTN649F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN649F Datasheet PDF - Diodes Incorporated

Part # ZXTN649F
Download  ZXTN649F Click to download

File Size   122.47 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN LOW VCE(sat) TRANSISTOR IN SOT-23

ZXTN649F Datasheet (HTML) - Diodes Incorporated


ZXTN649F Product details

Features
• BVCEO > 25V
• BVCBO > 35V forward blocking voltage
• IC = 3A high Continuous Collector Current
• Low saturation voltage, VCE(SAT) < 120mV @1A
• RCE(SAT) = 77mΩ for a low equivalent On-Resistance
• 725mW Power dissipation
• hFE specified up to 6A for high current gain hold up
• Complementary PNP Type: ZXTP749F
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• MOSFET gate drivers
• Power switching in automotive and industrial applications
• Motor drive and control




Similar Part No. - ZXTN649F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
More results


Similar Description - ZXTN649F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD882 TSC-TSD882 Datasheet
49Kb / 3P
Low Vce(sat) NPN Transistor
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
Low Vce(sat) NPN Transistor
TSD1760 TSC-TSD1760 Datasheet
45Kb / 3P
Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
Low Vce(sat) NPN Transistor
logo
Diodes Incorporated
ZXTP03200BZ DIODES-ZXTP03200BZ Datasheet
305Kb / 7P
200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
Rev 2
ZXTP03200BZ DIODES-ZXTP03200BZ_15 Datasheet
305Kb / 7P
200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
Rev 2
logo
Pan Jit International I...
BCX56-16-AU PANJIT-BCX56-16-AU Datasheet
383Kb / 6P
NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBHV8110DH-AU PANJIT-PBHV8110DH-AU Datasheet
383Kb / 6P
NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBHV8110DH PANJIT-PBHV8110DH Datasheet
383Kb / 6P
NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBSS4232DD PANJIT-PBSS4232DD Datasheet
556Kb / 6P
NPN Low Vce(sat) Transistor
February 4,2020 PBSS4232DD-REV.00
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com