Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP03200BZ Datasheet (PDF) - Diodes Incorporated

ZXTP03200BZ Datasheet PDF - Diodes Incorporated
Part # ZXTP03200BZ
Download  ZXTP03200BZ Download
File Size   305.71 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89

ZXTP03200BZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP03200BZ Datasheet PDF - Diodes Incorporated

Part # ZXTP03200BZ
Download  ZXTP03200BZ Click to download

File Size   305.71 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89

ZXTP03200BZ Datasheet (HTML) - Diodes Incorporated


ZXTP03200BZ Product details

Features
• BVCEO > -200V
• BVECO > -2V
• Continuous current IC(cont) = 2A
• VCE(sat < -160mV @ -1A
• RCE(sat)=130mΩ
• PD = 2.4W
• 2 Amps continuous current
• Up to 5 Amps peak current
• Very low saturation voltage
• Enhanced switching performance

Applications
• DC-DC Convertors




Similar Part No. - ZXTP03200BZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP03200BZ ZETEX-ZXTP03200BZ Datasheet
175Kb / 8P
200V PNP Low VCE(sat) transistor
ZXTP03200BZTA ZETEX-ZXTP03200BZTA Datasheet
175Kb / 8P
200V PNP Low VCE(sat) transistor
logo
Diodes Incorporated
ZXTP03200BZ DIODES-ZXTP03200BZ_15 Datasheet
305Kb / 7P
200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
Rev 2
More results


Similar Description - ZXTP03200BZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
Low Vce(sat) PNP Transistor
logo
Zetex Semiconductors
ZXTP03200BG ZETEX-ZXTP03200BG Datasheet
185Kb / 8P
200V PNP Low VCE(sat) transistor
ZXTP03200BZ ZETEX-ZXTP03200BZ Datasheet
175Kb / 8P
200V PNP Low VCE(sat) transistor
logo
Diodes Incorporated
ZXTN649F DIODES-ZXTN649F Datasheet
122Kb / 7P
NPN LOW VCE(sat) TRANSISTOR IN SOT-23
Rev 2
ZXTP03200BG DIODES-ZXTP03200BG Datasheet
192Kb / 8P
200V PNP Low VCE(sat) transistor in SOT223
AUGUST 2008
ZXTP03200BG DIODES-ZXTP03200BG_15 Datasheet
192Kb / 8P
200V PNP Low VCE(sat) transistor in SOT223
AUGUST 2008
ZXTP03200BZ DIODES-ZXTP03200BZ_15 Datasheet
305Kb / 7P
200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
Rev 2
logo
Pan Jit International I...
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
PNP Low Vce(sat) Transistor
January 18,2019-REV.00
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com