Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP03200BZ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP03200BZ
Description  200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP03200BZ Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP03200BZ Datasheet HTML 1Page - Diodes Incorporated ZXTP03200BZ Datasheet HTML 2Page - Diodes Incorporated ZXTP03200BZ Datasheet HTML 3Page - Diodes Incorporated ZXTP03200BZ Datasheet HTML 4Page - Diodes Incorporated ZXTP03200BZ Datasheet HTML 5Page - Diodes Incorporated ZXTP03200BZ Datasheet HTML 6Page - Diodes Incorporated ZXTP03200BZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTP03200BZ
Document Number DS31902 Rev. 2 - 2
2 of 7
www.diodes.com
August 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP03200BZ
20 0V P N P LO W V CE(sat) TRAN SIST OR IN SOT -89
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-220
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current (Note a)
IC
-2
A
Base Current
IB
-1
A
Peak Pulse Current
ICM
-5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C (Note a)
Linear derating factor
PD
1.1
8.8
W
mW /
°C
Power Dissipation at TA = 25°C (Note b)
Linear derating factor
PD
1.8
14.4
W
mW /
°C
Power Dissipation at TA = 25°C (Note c)
Linear derating factor
PD
2.4
19.2
W
mW /
°C
Power Dissipation at TA = 25°C (Note d)
Linear derating factor
PD
4.46
35.7
W
mW /
°C
Power Dissipation at TA = 25°C (Note e)
Linear derating factor
PD
38.7
309.6
W
mW /
°C
Junction to Ambient (Note a)
RθJA
117
°C/W
Junction to Ambient (Note b)
RθJA
68
°C/W
Junction to Ambient (Note c)
RθJA
51
°C/W
Junction to Ambient (Note d)
RθJA
28
°C/W
Junction to Lead (Note e)
RθJL
3.23
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
a. For a device surface mounted on 15mm X 15mm X 1.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions
b. Mounted on 25mm X 25mm X 1.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions.
c. Mounted on 25mm X 25mm X 1.6mm FR4 PCB with high coverage of single sided 2 oz copper, in still air conditions.
d. As (c) above measured at t<5 seconds
e. Junction to lead from collector Tab. Typical



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com