Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTA42 Datasheet (PDF) - Diodes Incorporated

FMMTA42 Datasheet PDF - Diodes Incorporated
Part # FMMTA42
Download  FMMTA42 Download
File Size   147.46 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN Silicon planar high voltage transistor

FMMTA42 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMTA42 Datasheet PDF - Diodes Incorporated

Part # FMMTA42
Download  FMMTA42 Click to download

File Size   147.46 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN Silicon planar high voltage transistor

FMMTA42 Datasheet (HTML) - Diodes Incorporated


FMMTA42 Product details

Features
• BVCEO > 300V
• IC = 200mA High Collector Current
• 350mW Power Dissipation
• Excellent hFE Characteristics Up To 30mA
• Complementary Part Number FMMTA92
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FMMTA42

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA42 ZETEX-FMMTA42 Datasheet
37Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
FMMTA42 ZETEX-FMMTA42 Datasheet
40Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
logo
Diodes Incorporated
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
FMMTA42 SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 7
More results


Similar Description - FMMTA42

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS64 ZETEX-BSS64 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT497 ZETEX-FMMT497_06 Datasheet
158Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
79Kb / 2P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
APRIL 2002
FMMT497 DIODES-FMMT497 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high
November 2006
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
FMMTA42 SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
FMMT6517TA ETC2-FMMT6517TA Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497_15 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
NOVEMBER 2006
FMMT6517 DIODES-FMMT6517_15 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com