Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT458 Datasheet (PDF) - Diodes Incorporated

FMMT458 Datasheet PDF - Diodes Incorporated
Part # FMMT458
Download  FMMT458 Download
File Size   79.35 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FMMT458 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT458 Datasheet PDF - Diodes Incorporated

Part # FMMT458
Download  FMMT458 Click to download

File Size   79.35 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FMMT458 Datasheet (HTML) - Diodes Incorporated


FMMT458 Product details

Features
• BVCEO > 400V
• IC = 225mA High Continuous Collector Current
• ICM = 1A Peak Pulse Current
• 500mW Power Dissipation
• Excellent hFE Characteristics Up To 100mA
• Complementary PNP Type: FMMT558
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FMMT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT458 ZETEX-FMMT458 Datasheet
130Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT458 KEXIN-FMMT458 Datasheet
36Kb / 2P
High Voltage Transistor
logo
Galaxy Semi-Conductor H...
FMMT458 BILIN-FMMT458 Datasheet
180Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
First Components Intern...
FMMT458 FCI-FMMT458 Datasheet
155Kb / 1P
NPN Epitaxial Planar Transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
854Kb / 10P
230VAC Triac Dimmable GU10 LED Driver
Rev 2
More results


Similar Description - FMMT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS64 ZETEX-BSS64 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT497 ZETEX-FMMT497_06 Datasheet
158Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high
November 2006
FMMTA42 DIODES-FMMTA42 Datasheet
147Kb / 4P
SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
FMMTA42 SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
FMMT6517TA ETC2-FMMT6517TA Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497_15 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
NOVEMBER 2006
FMMT6517 DIODES-FMMT6517_15 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com