Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT458 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT458
Description  SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT458 Datasheet HTML 1Page - Diodes Incorporated FMMT458 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 4 – APRIL 2002
FEATURES
*
400 Volt V
CEO
COMPLEMENTARY TYPE –
FMMT558
PARTMARKING DETAIL –
458
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
225
mA
Peak Pulse Current
ICM
1A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V
(BR)CBO
400
V
I
C=100µA
Collector-Emitter
Breakdown Voltage
V
CEO(sus)
400
V
I
C=10mA*
Emitter-Base
Breakdown Voltage
V
(BR)EBO
5V
I
E=100µA
Collector Cut-Off Current
I
CBO
100
nA
V
CB=320V
Collector Cut-Off Current
I
CES
100
nA
VCE=320V
Emitter Cut-Off Current
I
EBO
100
nA
V
EB=4V
Collector-Emitter
Saturation Voltage
V
CE(sat)
0.2
0.5
V
V
I
C=20mA, IB=2mA*
I
C=50mA, IB=6mA*
Base-Emitter
Saturation Voltage
V
BE(sat)
0.9
V
I
C=50mA, IB=5mA*
Base-Emitter
Turn On Voltage
V
BE(on)
0.9
V
IC=50mA, VCE=10V*
Static Forward
Current Transfer Ratio
h
FE
100
100
15
300
I
C=1mA, VCE=10V
I
C=50mA, VCE=10V*
I
C=100mA, VCE=10V*
Transition Frequency
f
T
50
MHz
I
C=10mA, VCE=20V
f=20MHz
Output Capacitance
C
obo
5pF
V
CB=20V, f=1MHz
Switching times
t
on
t
off
135 Typical
2260 Typical
ns
ns
I
C=50mA, VCC=100V
I
B1=5mA, IB2=-10mA
*Measured under pulsed conditions.
Spice parameter data is available upon request for this device
FMMT458
C
B
E
SOT23
TBA


Similar Part No. - FMMT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT458 ZETEX-FMMT458 Datasheet
130Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT458 KEXIN-FMMT458 Datasheet
36Kb / 2P
High Voltage Transistor
logo
Galaxy Semi-Conductor H...
FMMT458 BILIN-FMMT458 Datasheet
180Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
First Components Intern...
FMMT458 FCI-FMMT458 Datasheet
155Kb / 1P
NPN Epitaxial Planar Transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
854Kb / 10P
230VAC Triac Dimmable GU10 LED Driver
Rev 2
More results

Similar Description - FMMT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS64 ZETEX-BSS64 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT497 ZETEX-FMMT497_06 Datasheet
158Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high
November 2006
FMMTA42 DIODES-FMMTA42 Datasheet
147Kb / 4P
SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
FMMTA42 SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
logo
List of Unclassifed Man...
FMMT451TA ETC2-FMMT451TA Datasheet
126Kb / 2P
SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
FMMT6517TA ETC2-FMMT6517TA Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497_15 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high performance transistor
NOVEMBER 2006
FMMT6517 DIODES-FMMT6517_15 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com