Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTL717 Datasheet (PDF) - Diodes Incorporated

FMMTL717 Datasheet PDF - Diodes Incorporated
Part # FMMTL717
Download  FMMTL717 Download
File Size   75.18 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR

FMMTL717 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMTL717 Datasheet PDF - Diodes Incorporated

Part # FMMTL717
Download  FMMTL717 Click to download

File Size   75.18 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR

FMMTL717 Datasheet (HTML) - Diodes Incorporated


FMMTL717 Product details

Features
• BVCEO > -12V
• IC = -1.25A Continuous Collector Current
• ICM = -4A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -240mV @ -1A
• RCE(SAT) = 160mΩ for a low equivalent on-resistance
• 500mW power dissipation
• hFE characterised up to -3A for high current gain hold-up
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)




Similar Part No. - FMMTL717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTL717 ZETEX-FMMTL717 Datasheet
63Kb / 3P
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FMMTL717 KEXIN-FMMTL717 Datasheet
37Kb / 2P
Medium Power Transistor
logo
Fairchild Semiconductor
FMMTL717TA FAIRCHILD-FMMTL717TA Datasheet
75Kb / 3P
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMTL717 DIODES-FMMTL717_15 Datasheet
401Kb / 7P
12V PNP HIGH GAIN MEDIUM POWER TRANSISTOR IN SOT23
Rev 2
More results


Similar Description - FMMTL717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTL619 ZETEX-FMMTL619_05 Datasheet
77Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMTL618 DIODES-FMMTL618 Datasheet
81Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
NOVEMBER 1997
FMMTL718 DIODES-FMMTL718 Datasheet
75Kb / 3P
SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
DECEMBER 1997
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
FMMT555TA DIODES-FMMT555TA Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
FMMTL618TA ETC2-FMMTL618TA Datasheet
81Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
FMMTL619TA ETC2-FMMTL619TA Datasheet
84Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMTL618 DIODES-FMMTL618_15 Datasheet
81Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
NOVEMBER 1997
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com