Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTL717 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMTL717
Description  SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTL717 Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMTL717 Datasheet HTML 1Page - Diodes Incorporated FMMTL717 Datasheet HTML 2Page - Diodes Incorporated FMMTL717 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FMMTL717
1m
10
1m
100m
10
1m
100m
10
0.1
10
100m
1m
1m
100m
10
IC - Collector Current (A)
VCE(sat) v IC
0
0.5
IC/IB=10
IC/IB=20
IC/IB=50
+25°C
-55°C
+100°C
0
IC - Collector Current (A)
hFE v IC
+25°C
+100°C
-55°C
0
IC - Collector Current (A)
VBE(on) v IC
+100°C
+150°C
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
+150°C
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
DC
10m
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100
µs
+150°C
VCE=2V
+25°C
-55°C
IC/IB=10
VCE=2V
-55°C
IC/IB=10
10m
100m
1
0.1
0.2
0.3
0.4
0.1
0.2
0.3
0.4
0.5
10m
1
10m
1
400
800
10m
1
0.4
0.8
1.2
10m
1
0.4
0.8
1.2
1.6
110
100
100m
1
10
TYPICAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com