Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1930 Datasheet (PDF) - Sanyo Semicon Device

LB1930 Datasheet PDF - Sanyo Semicon Device
Part # LB1930
Download  LB1930 Download
File Size   147.78 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Channel Low Saturation Voltage Forward/Reverse Motor Driver

LB1930 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1930 Datasheet PDF - Sanyo Semicon Device

Part # LB1930
Download  LB1930 Click to download

File Size   147.78 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Channel Low Saturation Voltage Forward/Reverse Motor Driver

LB1930 Datasheet (HTML) - Sanyo Semicon Device


LB1930 Product details

Overview

The LB1930M is single-channel forward/reverse DC brush motor driver. This device is optimal for CD, DVD and Blue Ray Disk player loading motors. And it is possible to use it for others as a general-purpose product.



Features

• The low saturation voltage reduces IC internal heating and allows a high voltage to be applied to the motor. Thus this device can be used even in environments with a high operating ambient temperature.

   Output saturation voltage: Vsat1 = 0.25V typical (IO = 0.2A)

   (High side + low side): Vsat2 = 0.55V typical (IO = 0.5A)

   Operating temperature range: Ta = -30 to +85°C

• The LB1930M features the wide operating voltage range of 2.2 to 10.8V and the low standby current drain of 0.1μA, and therefore can easily be used in battery operated systems.

• To minimize through currents, the LB1930M internal logic passes through an internal standby state when switched by the input signals between forward/reverse and brake, or between forward and reverse.

• There are no constraints on the relationship between the input voltage and the supply voltage. For example, the LB1930M can be used with VCC = 3V, and VIN = 5V.

• If the IC chip exceeds 180°C due to an output short causing a large current flow, the built-in thermal protection circuit suppresses the drive current to prevent fires or destruction of the IC.

• MFP-10S miniature package. Also, the LB1930M features the high allowable power dissipation of Pd = 800mW.



 




Similar Part No. - LB1930

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M Datasheet
110Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC ONSEMI-LB1930MC Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Similar Description - LB1930

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com