Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT560 Datasheet (PDF) - Diodes Incorporated

FZT560 Datasheet PDF - Diodes Incorporated
Part # FZT560
Download  FZT560 Download
File Size   52.49 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FZT560 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT560 Datasheet PDF - Diodes Incorporated

Part # FZT560
Download  FZT560 Click to download

File Size   52.49 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FZT560 Datasheet (HTML) - Diodes Incorporated


FZT560 Product details

Features
• BVCEO > -500V
• IC = -150mA High Continuous Current
• ICM = -500mA Peak Pulse Current
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FZT560

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT560 ZETEX-FZT560 Datasheet
41Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT560QTA DIODES-FZT560QTA Datasheet
512Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 2
FZT560QTC DIODES-FZT560QTC Datasheet
512Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 2
FZT560TA DIODES-FZT560TA Datasheet
512Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 2
FZT560TC DIODES-FZT560TC Datasheet
512Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 2
More results


Similar Description - FZT560

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP15 ETC-BSP15 Datasheet
42Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
BFN37 ZETEX-BFN37 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT558 DIODES-FZT558 Datasheet
121Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
DECEMBER 1995
FZT593 DIODES-FZT593 Datasheet
51Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Rev. 3 - 2 June 2010
FZT757 DIODES-FZT757 Datasheet
102Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 4 JANUARY 1996
FZT758 DIODES-FZT758 Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 2 FEBRUARY 1995
FZT758TA DIODES-FZT758TA Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FEBRUARY 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com