Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT593 Datasheet (PDF) - Diodes Incorporated

FZT593 Datasheet PDF - Diodes Incorporated
Part # FZT593
Download  FZT593 Download
File Size   51.63 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FZT593 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT593 Datasheet PDF - Diodes Incorporated

Part # FZT593
Download  FZT593 Click to download

File Size   51.63 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FZT593 Datasheet (HTML) - Diodes Incorporated


FZT593 Product details

Features
• BVCEO > -100V
• IC = -1A High Continuous Current
• ICM = -2A Peak Pulse Current
• Low Saturation Voltage
• Complementary NPN Type: FZT493
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT593

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT593 ZETEX-FZT593 Datasheet
40Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT593 KEXIN-FZT593 Datasheet
37Kb / 2P
PNP Silicon High Voltage Transistor
logo
Diodes Incorporated
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
More results


Similar Description - FZT593

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP15 ETC-BSP15 Datasheet
42Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
BFN37 ZETEX-BFN37 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT558 DIODES-FZT558 Datasheet
121Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
DECEMBER 1995
FZT560 DIODES-FZT560 Datasheet
52Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1998
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Rev. 3 - 2 June 2010
FZT757 DIODES-FZT757 Datasheet
102Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 4 JANUARY 1996
FZT758 DIODES-FZT758 Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 2 FEBRUARY 1995
FZT758TA DIODES-FZT758TA Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FEBRUARY 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com