Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT692B Datasheet (PDF) - Diodes Incorporated

FZT692B Datasheet PDF - Diodes Incorporated
Part # FZT692B
Download  FZT692B Download
File Size   104.51 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT692B Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT692B Datasheet PDF - Diodes Incorporated

Part # FZT692B
Download  FZT692B Click to download

File Size   104.51 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT692B Datasheet (HTML) - Diodes Incorporated


FZT692B Product details

Features
• BVCEO > 70V
• BVCBO > 70V
• IC = 2.0A High Continuous Current
• hFE > 400 for High Gain @ 0.5A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Darlington Replacement
• Relay and Solenoid Drivers
• DC-DC Converters




Similar Part No. - FZT692B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT692B ZETEX-FZT692B Datasheet
92Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT692B KEXIN-FZT692B Datasheet
37Kb / 2P
NPN Silcon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT692B DIODES-FZT692B Datasheet
1Mb / 7P
70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
logo
Micro Commercial Compon...
FZT692B MCC-FZT692B Datasheet
556Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Nanjing International G...
FZT692B DGNJDZ-FZT692B Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
More results


Similar Description - FZT692B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT696B DIODES-FZT696B Datasheet
110Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ISSUE 4 FEBRUARY 1997
FZT1053A DIODES-FZT1053A Datasheet
73Kb / 4P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MARCH 2001
FZT788BTA DIODES-FZT788BTA Datasheet
93Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
logo
Fairchild Semiconductor
FZT689BTA FAIRCHILD-FZT689BTA Datasheet
115Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
FZT696BTA ETC2-FZT696BTA Datasheet
110Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT788ATA ZETEX-FZT788ATA Datasheet
87Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
FZT688BTA ETC2-FZT688BTA Datasheet
109Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT688B DIODES-FZT688B_15 Datasheet
114Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
FZT694B DIODES-FZT694B_15 Datasheet
111Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
FZT1047A DIODES-FZT1047A_15 Datasheet
131Kb / 4P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
AUGUST 1997
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com