Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT1053A Datasheet (PDF) - Diodes Incorporated

FZT1053A Datasheet PDF - Diodes Incorporated
Part # FZT1053A
Download  FZT1053A Download
File Size   73.3 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT1053A Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT1053A Datasheet PDF - Diodes Incorporated

Part # FZT1053A
Download  FZT1053A Click to download

File Size   73.3 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT1053A Datasheet (HTML) - Diodes Incorporated


FZT1053A Product details

Features and Benefits
• BVCEO > 75V
• Maximum continuous current IC= 4.5A
• 10A pulse current
• High gain holds up hFE> 300 @ IC=1A
• Very low equivalent on-resistance; RCE(sat) = 78mΩat 4.5A
•  “Green” component, Lead Free Finish / RoHS compliant(Note 1)
•  Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT1053A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1053A ZETEX-FZT1053A Datasheet
63Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT1053A KEXIN-FZT1053A Datasheet
38Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT1053ATA DIODES-FZT1053ATA Datasheet
209Kb / 5P
75V NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT-223
Rev 3
logo
Guangdong Kexin Industr...
FZT1053A KEXIN-FZT1053A_15 Datasheet
1Mb / 3P
NPN Transistors
logo
Diodes Incorporated
FZT1053A DIODES-FZT1053A_15 Datasheet
765Kb / 7P
75V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
More results


Similar Description - FZT1053A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT692B DIODES-FZT692B Datasheet
104Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
FZT696B DIODES-FZT696B Datasheet
110Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ISSUE 4 FEBRUARY 1997
FZT788BTA DIODES-FZT788BTA Datasheet
93Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
logo
Fairchild Semiconductor
FZT689BTA FAIRCHILD-FZT689BTA Datasheet
115Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
FZT696BTA ETC2-FZT696BTA Datasheet
110Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT788ATA ZETEX-FZT788ATA Datasheet
87Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
FZT688BTA ETC2-FZT688BTA Datasheet
109Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT688B DIODES-FZT688B_15 Datasheet
114Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
FZT694B DIODES-FZT694B_15 Datasheet
111Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
FZT1047A DIODES-FZT1047A_15 Datasheet
131Kb / 4P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
AUGUST 1997
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com