Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJDLC05W Datasheet (PDF) - Pan Jit International Inc.

PJDLC05W Datasheet PDF - Pan Jit International Inc.
Part # PJDLC05W
Download  PJDLC05W Download
File Size   113.72 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR

PJDLC05W Datasheet (PDF)

Go To PDF Page Download Datasheet
PJDLC05W Datasheet PDF - Pan Jit International Inc.

Part # PJDLC05W
Download  PJDLC05W Click to download

File Size   113.72 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR

PJDLC05W Datasheet (HTML) - Pan Jit International Inc.


PJDLC05W Product details

ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES

VOLTAGE POWER 5 Volts 120 Watts



This transient overvoltage suppressor is intended to prodect sensitive equipment againset electrostatic discharge events as well to offer a minmum lnsertion loss in data transmission lines in communications ports used in portable consumer, computing and networking applicatons. This dual transient voltage suppressor comes in a single SOT-323, offering borard space reduction, where the application requires it.



FEATURES

• Improved leakage current, maximum of 20 µA @ 5Vdc

• Maximum capacitance @ 0 Vdc Bias of 1.2 pF between terminals 1-3 or terminals 2-3

• IEC61000-4-2 esd 15kV Air, 8kV contact compliance

• IEC61000-4-5 lightning 5 Amps peak, 8x20 usec waveform

• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - PJDLC05W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05 Datasheet
71Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJDLC05 PANJIT-PJDLC05 Datasheet
934Kb / 4P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJDLC05 PANJIT-PJDLC05 Datasheet
111Kb / 4P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
More results


Similar Description - PJDLC05W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJDLC03 PANJIT-PJDLC03 Datasheet
111Kb / 4P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-03 PANJIT-PJDLC05C-03 Datasheet
87Kb / 3P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-05 PANJIT-PJDLC05C-05 Datasheet
88Kb / 3P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05 PANJIT-PJDLC05_15 Datasheet
129Kb / 6P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-02 PANJIT-PJDLC05C-02_15 Datasheet
74Kb / 5P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-03 PANJIT-PJDLC05C-03_13 Datasheet
85Kb / 5P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-05 PANJIT-PJDLC05C-05_15 Datasheet
79Kb / 5P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com