Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT789A Datasheet (PDF) - Diodes Incorporated

FZT789A Datasheet PDF - Diodes Incorporated
Part # FZT789A
Download  FZT789A Download
File Size   94.83 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT789A Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT789A Datasheet PDF - Diodes Incorporated

Part # FZT789A
Download  FZT789A Click to download

File Size   94.83 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT789A Datasheet (HTML) - Diodes Incorporated


FZT789A Product details

Features
• BVCEO > -25V
• IC = -3A high Continuous Current
• Low saturation voltage VCE(sat) < -250mV @ -1A
• RCE(sat) = 93mΩ for a low equivalent On-Resistance
• hFE specified up to -6A for a high gain hold up
• Complementary NPN Type: FZT689B
• Lead-Free Finish; RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Applications
• Power MOSFET & IGBT gate driving
• Battery powered circuits
• Fast charge converters
• Low loss power switching




Similar Part No. - FZT789A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT789A ZETEX-FZT789A Datasheet
82Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT789A KEXIN-FZT789A Datasheet
38Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Zetex Semiconductors
FZT789A-PNP ZETEX-FZT789A-PNP Datasheet
82Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT789AQTA DIODES-FZT789AQTA Datasheet
535Kb / 7P
25V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT789ATA DIODES-FZT789ATA Datasheet
535Kb / 7P
25V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
More results


Similar Description - FZT789A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT696B DIODES-FZT696B Datasheet
110Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ISSUE 4 FEBRUARY 1997
FZT788BTA DIODES-FZT788BTA Datasheet
93Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
logo
List of Unclassifed Man...
FZT792ATA ETC2-FZT792ATA Datasheet
88Kb / 3P
SOT223 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FZT788ATA ZETEX-FZT788ATA Datasheet
87Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
FZT795ATA ETC2-FZT795ATA Datasheet
97Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT688B DIODES-FZT688B_15 Datasheet
114Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
FZT694B DIODES-FZT694B_15 Datasheet
111Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
FZT1047A DIODES-FZT1047A_15 Datasheet
131Kb / 4P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
AUGUST 1997
FZT796A DIODES-FZT796A_15 Datasheet
90Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
FZT788B DIODES-FZT788B_15 Datasheet
93Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com