Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT789ATA Datasheet (PDF) - Diodes Incorporated

FZT789ATA Datasheet PDF - Diodes Incorporated
Part # FZT789ATA
Download  FZT789ATA Download
File Size   535.64 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V PNP MEDIUM POWER TRANSISTOR IN SOT223

FZT789ATA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT789ATA Datasheet PDF - Diodes Incorporated

Part # FZT789ATA
Download  FZT789ATA Click to download

File Size   535.64 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V PNP MEDIUM POWER TRANSISTOR IN SOT223

FZT789ATA Datasheet (HTML) - Diodes Incorporated


FZT789ATA Product details

Features
• BVCEO > -25V
• IC = -3A high Continuous Current
• Low saturation voltage VCE(sat) < -250mV @ -1A
• RCE(sat) = 93mΩ for a low equivalent On-Resistance
• hFE specified up to -6A for a high gain hold up
• Complementary NPN Type: FZT689B
• Lead-Free Finish; RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Applications
• Power MOSFET & IGBT gate driving
• Battery powered circuits
• Fast charge converters
• Low loss power switching




Similar Part No. - FZT789ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT789A ZETEX-FZT789A Datasheet
82Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT789A KEXIN-FZT789A Datasheet
38Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT789A DIODES-FZT789A Datasheet
94Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ISSUE 3 OCTOBER 1995
logo
Zetex Semiconductors
FZT789A-PNP ZETEX-FZT789A-PNP Datasheet
82Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT789A KEXIN-FZT789A_15 Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - FZT789ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FCX789A DIODES-FCX789A_15 Datasheet
379Kb / 7P
25V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
30V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT749 DIODES-FZT749_15 Datasheet
644Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
FZT789A DIODES-FZT789A_15 Datasheet
869Kb / 7P
25V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
FZT955 DIODES-FZT955_15 Datasheet
638Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
300V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com