Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT1051A Datasheet (PDF) - Diodes Incorporated

FZT1051A Datasheet PDF - Diodes Incorporated
Part # FZT1051A
Download  FZT1051A Download
File Size   58.18 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR

FZT1051A Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT1051A Datasheet PDF - Diodes Incorporated

Part # FZT1051A
Download  FZT1051A Click to download

File Size   58.18 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR

FZT1051A Datasheet (HTML) - Diodes Incorporated


FZT1051A Product details

Features
• BVCEO > 40V
• IC = 5A High Continuous Collector Current
• ICM = 20A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < 120mV @ 1A
• RSAT = 50mΩ @ 5A for a Low Equivalent On-Resistance
• hFE Specified up to 10A for a High Gain Hold-Up
• Complementary PNP Type: FZT1151A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Solenoid, Relay and Actuator Drivers
• DC Modules
• Motor Control




Similar Part No. - FZT1051A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1051A ZETEX-FZT1051A Datasheet
46Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT1051A KEXIN-FZT1051A Datasheet
38Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT1051ATA DIODES-FZT1051ATA Datasheet
901Kb / 7P
40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 5
FZT1051ATA DIODES-FZT1051ATA Datasheet
817Kb / 7P
40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 6
FZT1051ATA DIODES-FZT1051ATA Datasheet
817Kb / 7P
40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 6
More results


Similar Description - FZT1051A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT2222A ZETEX-FZT2222A Datasheet
43Kb / 2P
SOT223 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
FZT605 DIODES-FZT605 Datasheet
85Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
MARCH 2001
FZT651 DIODES-FZT651 Datasheet
105Kb / 2P
SOT223 NPN SILICON PLANAR
FEBRUARY 1995
FZT689B DIODES-FZT689B Datasheet
115Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
OCTOBER 1995
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
OCTOBER 1995
FZT851 DIODES-FZT851 Datasheet
64Kb / 3P
SOT223 NPN SILICON PLANAR HIGH CURRENT
OCTOBER 1995
FZT855 DIODES-FZT855 Datasheet
176Kb / 3P
SOT223 NPN SILICON PLANAR
NOVEMBER 2001
FZT1047A DIODES-FZT1047A Datasheet
131Kb / 4P
SOT223 NPN SILICON PLANAR
AUGUST 1997
FZTA14 DIODES-FZTA14 Datasheet
40Kb / 1P
SOT223 NPN SILICON PLANAR
JANUARY 1996
FZTA42 DIODES-FZTA42 Datasheet
131Kb / 2P
SOT223 NPN SILICON PLANAR
SEPTEMBER 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com