Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT1147A Datasheet (PDF) - Diodes Incorporated

FZT1147A Datasheet PDF - Diodes Incorporated
Part # FZT1147A
Download  FZT1147A Download
File Size   105.1 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER

FZT1147A Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT1147A Datasheet PDF - Diodes Incorporated

Part # FZT1147A
Download  FZT1147A Click to download

File Size   105.1 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER

FZT1147A Datasheet (HTML) - Diodes Incorporated


FZT1147A Product details

Features and Benefits
• BVCEO > -12V
• Maximum Continuous Current IC = -5A
• Peak Pulse Current IC = -20A
• High Gain Holds Up hFE > 200 @ IC = -2A
• Very Low Equivalent On-Resistance; RCE(sat) = 85mΩ at -2A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT1147A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
FZT1147A ETC2-FZT1147A Datasheet
105Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1147ATA ETC2-FZT1147ATA Datasheet
105Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT1147A DIODES-FZT1147A_15 Datasheet
105Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JANUARY 1997
FZT1147A DIODES-FZT1147A_16 Datasheet
569Kb / 7P
12V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
More results


Similar Description - FZT1147A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX756 DIODES-ZTX756 Datasheet
59Kb / 2P
PNP SILICON PLANAR MEDIUM POWER
JULY 1994
ZTX758 DIODES-ZTX758 Datasheet
69Kb / 3P
PNP SILICON PLANAR MEDIUM POWER
APRIL 1994
ZTX795A DIODES-ZTX795A Datasheet
72Kb / 3P
PNP SILICON PLANAR MEDIUM POWER
APRIL 1994
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com