Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTX758 Datasheet (PDF) - Diodes Incorporated

ZTX758 Datasheet PDF - Diodes Incorporated
Part # ZTX758
Download  ZTX758 Download
File Size   69.63 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER

ZTX758 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTX758 Datasheet PDF - Diodes Incorporated

Part # ZTX758
Download  ZTX758 Click to download

File Size   69.63 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER

ZTX758 Datasheet (HTML) - Diodes Incorporated


ZTX758 Product details

Features
• BVCEO > -400V
• IC = -0.5A High Continuous Collector Current
• ICM = -1A Peak Pulse Current
• TJ up to +200°C for High Temperature Operation
• Low Saturation Voltage < -0.25V @ -50mA
• PD = 1W Power dissipation
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZTX758

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX758 ZETEX-ZTX758 Datasheet
58Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
ZTX758 DIODES-ZTX758 Datasheet
527Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN E-LINE
Rev 2
ZTX758STZ DIODES-ZTX758STZ Datasheet
527Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN E-LINE
Rev 2
ZTX758 DIODES-ZTX758_15 Datasheet
527Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN E-LINE
Rev 2
More results


Similar Description - ZTX758

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT1147A DIODES-FZT1147A Datasheet
105Kb / 4P
PNP SILICON PLANAR MEDIUM POWER
JANUARY 1997
ZTX756 DIODES-ZTX756 Datasheet
59Kb / 2P
PNP SILICON PLANAR MEDIUM POWER
JULY 1994
ZTX795A DIODES-ZTX795A Datasheet
72Kb / 3P
PNP SILICON PLANAR MEDIUM POWER
APRIL 1994
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com