Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS400 Datasheet (PDF) - Diodes Incorporated

ZHCS400 Datasheet PDF - Diodes Incorporated
Part # ZHCS400
Download  ZHCS400 Download
File Size   142.96 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE

ZHCS400 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHCS400 Datasheet PDF - Diodes Incorporated

Part # ZHCS400
Download  ZHCS400 Click to download

File Size   142.96 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE

ZHCS400 Datasheet (HTML) - Diodes Incorporated


ZHCS400 Product details

Description and Applications
This compact SOD323 packaged Schottky diode offers users an excellent performance combination comprising high current operation, extremely low leakage and low forward voltage ensuring suitability for applications requiring efficient operation at higher temperatures (above 85°C) see Operational efficiency chart on page 4.
• DC – DC Converters
• Mobile Telecomms
• PCMCIA

Features and Benefits
• Low VF
• High Current Capability (IF = 0.40A)
• Miniature Surface Mount Package
• Low VF, fast switching Schottky
• Package thermally rated to 150°C
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZHCS400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS400 ZETEX-ZHCS400 Datasheet
50Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 ZETEX-ZHCS400 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZHCS400 ZETEX-ZHCS400 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
ZHCS400 ZETEX-ZHCS400 Datasheet
127Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
SEMTECH ELECTRONICS LTD...
ZHCS400 SEMTECH_ELEC-ZHCS400 Datasheet
221Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
More results


Similar Description - ZHCS400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS1000 ZETEX-ZHCS1000 Datasheet
163Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS506 ZETEX-ZHCS506 Datasheet
101Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Continental Device Indi...
SDC1000 CDIL-SDC1000 Datasheet
109Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
ZHCS2000 ZETEX-ZHCS2000_02 Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
ZHCS400 ZETEX-ZHCS400_07 Datasheet
127Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
SEMTECH ELECTRONICS LTD...
ZHCS400 SEMTECH_ELEC-ZHCS400 Datasheet
221Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
ZHCS2000 DIODES-ZHCS2000 Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
DECEMBER 2002
ZMS2800 DIODES-ZMS2800 Datasheet
40Kb / 3P
SOD323 SCHOTTKY BARRIER DIODES
NOVEMBER 1998
logo
SUNMATE electronic Co.,...
ZHCS400 SUNMATE-ZHCS400 Datasheet
731Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com