Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS400 Datasheet (PDF) - Zetex Semiconductors

ZHCS400 Datasheet PDF - Zetex Semiconductors
Part # ZHCS400
Download  ZHCS400 Download
File Size   233.54 Kbytes
Page   16 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6

ZHCS400 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHCS400 Datasheet PDF - Zetex Semiconductors

Part # ZHCS400
Download  ZHCS400 Click to download

File Size   233.54 Kbytes
Page   16 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6

ZHCS400 Datasheet (HTML) - Zetex Semiconductors


ZHCS400 Product details

DESCRIPTION

The ZXLD1100 is a PFM inductive boost converter designed for driving 2, 3 or 4 series connected white LEDs from a Li-Ion cell and up to 8 LEDs from a 5V supply. The device operates from an input supply of between 2.5V and 5.5V and provides an adjustable output current of up to 50mA.

The ZXLD1100 includes the output switch and peak current sense resistor, and can operate with a maximum output voltage of 28V.



ADVANCED FEATURES

• Internal 30V NDMOS switch, current sense and open circuit protection

• True Analog Dimming via PWM



FEATURES

• Low profile SC70 6 pin package

• Internal PWM filter for flicker free output

• High efficiency (80% typ)

• Wide input voltage range: 2.5V to 5.5V

• Up to 50mA output current

• Low quiescent current: (60μA typ)

• 500nA maximum shutdown current

• Up to 1MHz switching frequency

• Low external component count

• Inherently matched LED currents



APPLICATIONS

• Mobile phones

• Digital cameras

• PDAs

• LCD modules

• Portable internet appliances

• Palmtop computers



 




Similar Part No. - ZHCS400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS400 ZETEX-ZHCS400 Datasheet
50Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 ZETEX-ZHCS400 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZHCS400 ZETEX-ZHCS400 Datasheet
127Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
SEMTECH ELECTRONICS LTD...
ZHCS400 SEMTECH_ELEC-ZHCS400 Datasheet
221Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
ZHCS400 DIODES-ZHCS400 Datasheet
142Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
FEBRUARY 2008
More results


Similar Description - ZHCS400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1937 ZETEX-ZXLD1937 Datasheet
226Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1100 DIODES-ZXLD1100 Datasheet
241Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
JULY 2004
ZXLD1101 DIODES-ZXLD1101 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
JULY 2004
ZXLD1937 DIODES-ZXLD1937 Datasheet
232Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
JULY 2004
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1937ET5TA ZETEX-ZXLD1937ET5TA Datasheet
227Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com