Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1101 Datasheet (PDF) - Diodes Incorporated

ZXLD1101 Datasheet PDF - Diodes Incorporated
Part # ZXLD1101
Download  ZXLD1101 Download
File Size   233.58 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5

ZXLD1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1101 Datasheet PDF - Diodes Incorporated

Part # ZXLD1101
Download  ZXLD1101 Click to download

File Size   233.58 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5

ZXLD1101 Datasheet (HTML) - Diodes Incorporated


ZXLD1101 Product details

DESCRIPTION

The ZXLD1101 is a PFM inductive boost converter designed for driving 2, 3 or 4 series connected white LEDs from a Li-Ion cell and up to 8 LEDs from a 5V supply. The device operates from an input supply of between 2.5V and 5.5V and provides an adjustable output current of up to 50mA.

The ZXLD1101 includes the output switch and peak current sense resistor, and can operate with a maximum output voltage of 28V.

Quiescent current is typically 60μA and a shutdown function is provided to reduce this current to less than 500nA in the off state.

Output current can be adjusted by applying a PWM control signal to the Enable pin. Depending upon the control frequency, this will provide either a continuous or a chopped output current. The PWM filter components are contained within the chip.

The device is assembled in the TSOT23-5 pin package with 1mm maximum height profile.



ADVANCED FEATURES

• True Analog Dimming via PWM



FEATURES

• 1mm height profile TSOT23-5 pin package

• Internal PWM filter for flicker free output

• High efficiency (80% typ)

• Wide input voltage range: 2.5V to 5.5V

• Up to 50mA output current

• Low quiescent current: (60μA typ)

• 500nA maximum shutdown current

• Up to 1MHz switching frequency

• Low external component count

• Inherently matched LED currents



APPLICATIONS

• Mobile phones

• Digital cameras

• PDAs

• LCD modules

• Portable internet appliances

• Palmtop computers



 




Similar Part No. - ZXLD1101

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101ET5 ZETEX-ZXLD1101ET5 Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101ET5TA ZETEX-ZXLD1101ET5TA Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
More results


Similar Description - ZXLD1101

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1101 ZETEX-ZXLD1101 Datasheet
221Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1937 ZETEX-ZXLD1937 Datasheet
226Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1100 ZETEX-ZXLD1100 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1100 DIODES-ZXLD1100 Datasheet
241Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
JULY 2004
ZXLD1937 DIODES-ZXLD1937 Datasheet
232Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
JULY 2004
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1937ET5TA ZETEX-ZXLD1937ET5TA Datasheet
227Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com