Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT025GC1TA Datasheet (PDF) - Diodes Incorporated

ZRT025GC1TA Datasheet PDF - Diodes Incorporated
Part # ZRT025GC1TA
Download  ZRT025GC1TA Download
File Size   179.08 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.5V LOW POWERPRECISION REFERENCE SOURCE

ZRT025GC1TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZRT025GC1TA Datasheet PDF - Diodes Incorporated

Part # ZRT025GC1TA
Download  ZRT025GC1TA Click to download

File Size   179.08 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.5V LOW POWERPRECISION REFERENCE SOURCE

ZRT025GC1TA Datasheet (HTML) - Diodes Incorporated


ZRT025GC1TA Product details

Description
The ZRT025 is a monolithic integrated circuit providing a precise stable reference voltage of 2.5V at 500μA.
The circuit features a knee current of 150μA and operation over a wide range of temperatures and currents.
The ZRT025 is available for surface mount applications. This product offers a trim facility whereby the output voltage can be adjusted as shown in the schematic diagram. This facility is used when compensating for system errors or setting the reference output to a particular value. When the trim facility is not used, the pin should be left open circuit.

Features
• Trimmable output
• Excellent temperature stability
• Low output noise figure
• -40 to 85°C operating temperature range
• 1% initial voltage tolerance
• No external stabilizing capacitor required in most cases
• Low slope resistance
• No derating required at low temperatures
• SOT223 package




Similar Part No. - ZRT025GC1TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT025GC1TA ZETEX-ZRT025GC1TA Datasheet
169Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
More results


Similar Description - ZRT025GC1TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
2.5V Reference
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025_03 Datasheet
169Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
logo
Linear Technology
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
2.5V Reference
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
2.5V Reference
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com