Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC35W256EM Datasheet (PDF) - Sanyo Semicon Device

LC35W256EM Datasheet PDF - Sanyo Semicon Device
Part # LC35W256EM
Download  LC35W256EM Download
File Size   46.87 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 256K (32K words x 8 bits) SRAM Control pins: OE and CE

LC35W256EM Datasheet (PDF)

Go To PDF Page Download Datasheet
LC35W256EM Datasheet PDF - Sanyo Semicon Device

Part # LC35W256EM
Download  LC35W256EM Click to download

File Size   46.87 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 256K (32K words x 8 bits) SRAM Control pins: OE and CE

LC35W256EM Datasheet (HTML) - Sanyo Semicon Device


LC35W256EM Product details

Overview
The LC35W256EM-10W and LC35W256ET-10W are asynchronous silicon-gate CMOS SRAMs with a 32768- word by 8-bit structure.

Features
• Supply voltage range: 2.7 to 3.6 V
• Access time: 100 ns (maximum)
• Standby current: 0.8 µA (Ta ≤ 60°C)
                              4.0 µA (Ta ≤ 70°C)
• Operating temperature: –10 to +70°C
• Data retention voltage: 2.0 to 3.6 V
• All I/O levels: CMOS compatible (0.8 VCC, 0.2 VCC)
• Input/output shared function pins, 3-state output pins
• No clock required (fully static circuits)
• Package
    28-pin SOP (450 mil) plastic package:
    LC35W256EM-10W
    28-pin TSOP (8 × 13.4 mm) plastic package:
    LC35W256ET-10W




Similar Part No. - LC35W256EM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35W1000BTS-10U SANYO-LC35W1000BTS-10U Datasheet
165Kb / 9P
Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35W1000BTS-70U SANYO-LC35W1000BTS-70U Datasheet
165Kb / 9P
Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results


Similar Description - LC35W256EM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
64K (8192 words x 8 bits) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
64K (8192 words x 8 bits) SRAM?
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
128K(16384 words X 8 bits) SRAM?
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
256 K (32768 words x 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com