Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC35256FM Datasheet (PDF) - Sanyo Semicon Device

LC35256FM Datasheet PDF - Sanyo Semicon Device
Part # LC35256FM
Download  LC35256FM Download
File Size   49.68 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 256K (32768 words 8 bits) SRAM Control Pins: OE and CE

LC35256FM Datasheet (PDF)

Go To PDF Page Download Datasheet
LC35256FM Datasheet PDF - Sanyo Semicon Device

Part # LC35256FM
Download  LC35256FM Click to download

File Size   49.68 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 256K (32768 words 8 bits) SRAM Control Pins: OE and CE

LC35256FM Datasheet (HTML) - Sanyo Semicon Device


LC35256FM Product details

Overview

The LC35256FM and LC35256FT are asynchronous silicon-gate CMOS SRAMs with a 32K-word by 8-bit structure. These are full-CMOS devices with 6 transistors per memory cell, and feature low-voltage operation, a low operating current drain, and an ultralow standby current. Control inputs include OE for fast memory access and CE (chip enable) for power saving and device selection. This makes these devices optimal for systems that require low power or battery backup, and makes memory expansion easy. The ultralow standby current allows these devices to be used with capacitor backup as well.



Features

• Supply voltage range: 4.5 to 5.5 V

• Access time at 5 V operation:

  LC35256FM, FT-55U: 55 ns (maximum)

  LC35256FM, FT-70U: 70 ns (maximum)

• Standby current: 3.0 µA (Ta ≤70°C)

                         5.0 µA (Ta ≤85°C)

• Operating temperature: –40 to +85°C

• Data retention voltage: 2.0 to 5.5 V

• All I/O levels: TTL compatible

• Input/output shared function pins, 3-state output pins

• No clock required

• Package

  28-pin SOP (450 mil) plastic package: LC35256FM

  28-pin TSOP (8 ×13.4 mm) plastic package: LC35256FT




Similar Part No. - LC35256FM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35256FM SANYO-LC35256FM Datasheet
60Kb / 7P
256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
More results


Similar Description - LC35256FM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
512K (32768 words X 16 bits) Pseudo-SRAM
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
256 K (32768 words X 8 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
256 K (32768 words x 8 bits) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
256 K (32768 words x 8 bits) SRAM?
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com