Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSD100N8 Datasheet (PDF) - Diodes Incorporated

ZSD100N8 Datasheet PDF - Diodes Incorporated
Part # ZSD100N8
Download  ZSD100N8 Download
File Size   162.46 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER

ZSD100N8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSD100N8 Datasheet PDF - Diodes Incorporated

Part # ZSD100N8
Download  ZSD100N8 Click to download

File Size   162.46 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER

ZSD100N8 Datasheet (HTML) - Diodes Incorporated


ZSD100N8 Product details

INTRODUCTION

The ZSD100 is a frequency swept alarm signal generator designed specifically for static and automotive security alarm systems. One ZSD100, two timing capacitors, an in-expensive TO92 darlington, piezo transducer and coupling transformer is all that is necessary to produce an ear piercing 120 dB alarm siren.



FEATURES

• 4-18V Operating voltage range.

• Small external component count.

• Direct drive of darlington, mosfet and IGBT output stages.

• Single ended or push-pull output stages.

• Suitable for automotive and static alarm systems.

• Low supply current - 10mA operating

   - 1µA sleep mode

• Low cost 8 pin SO package.

• User selected audio and sweep frequencies.

• -40°C to 125°C operating temperature range.

• Choice of modulation waveform.



 




Similar Part No. - ZSD100N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSD100N8 ZETEX-ZSD100N8 Datasheet
88Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
ZSD100N8 ZETEX-ZSD100N8 Datasheet
155Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
More results


Similar Description - ZSD100N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSD100 ZETEX-ZSD100 Datasheet
88Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
ZSD100 ZETEX-ZSD100_06 Datasheet
155Kb / 8P
AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
logo
Projects Unlimited, Inc...
AW-10FW PUI-AW-10FW Datasheet
191Kb / 1P
Siren
AW-15SBR-120 PUI-AW-15SBR-120 Datasheet
97Kb / 1P
Siren
VW-05MR-RL PUI-VW-05MR-RL Datasheet
83Kb / 1P
SIREN
logo
CUI INC
CPS-4242-100T CUI-CPS-4242-100T Datasheet
1Mb / 4P
SIREN
01/22/2020
CPS-8542-110PM CUI-CPS-8542-110PM Datasheet
281Kb / 4P
SIREN
01/22/2020
CPS-5248-105PM CUI-CPS-5248-105PM Datasheet
295Kb / 4P
SIREN
01/22/2020
logo
CUI Devices
CPS-105110-108SPM CUID-CPS-105110-108SPM Datasheet
284Kb / 4P
SIREN
08/05/2022
CPS-5952-105PM CUID-CPS-5952-105PM Datasheet
297Kb / 4P
SIREN
08/05/2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com