Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4120 Datasheet (PDF) - Sanyo Semicon Device

LC4120 Datasheet PDF - Sanyo Semicon Device
Part # LC4120
Download  LC4120 Download
File Size   59.69 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Power Supply Switching IC

LC4120 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC4120 Datasheet PDF - Sanyo Semicon Device

Part # LC4120
Download  LC4120 Click to download

File Size   59.69 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Power Supply Switching IC

LC4120 Datasheet (HTML) - Sanyo Semicon Device


LC4120 Product details

Overview
The LC4120NV is an LCD power supply switching IC that provides 3 input channels and 6 output channels. It is fabricated in an 80-V high-voltage CMOS process and features low power dissipation, high speed, and a low output impedance. This IC is optimal for switching the row driver LCD drive voltage in a wide range of LCD products.

Features
• 3 input channels/6 output channels
• Logic voltage: 2.7 to 5.5 V
• Output voltage: 80 V (maximum)
• Output impedance: 110Ω (maximum) (When VHA – VLA = 60 V)
• Output delay time: 0.5 µs (maximum)
• Operating temperature: –20 to 75°C
• Package: 20-pin SSOP




Similar Part No. - LC4120

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4128 LATTICE-LC4128 Datasheet
851Kb / 91P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128B-10T100I LATTICE-LC4128B-10T100I Datasheet
483Kb / 74P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128B-10T100I LATTICE-LC4128B-10T100I Datasheet
451Kb / 99P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128B-10T128I LATTICE-LC4128B-10T128I Datasheet
483Kb / 74P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128B-10T128I LATTICE-LC4128B-10T128I Datasheet
451Kb / 99P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results


Similar Description - LC4120

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8021L PANASONIC-AN8021L Datasheet
141Kb / 16P
AC-DC switching power supply control IC
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
CMOS IC(For Switching Power Supply Control)
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
CMOS IC For Switching Power Supply Control
logo
Toshiba Semiconductor
JBT6K49-AS TOSHIBA-JBT6K49-AS Datasheet
186Kb / 14P
Power supply IC for TFT LCD Panels
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com