Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4608C Datasheet (PDF) - Sanyo Semicon Device

LC4608C Datasheet PDF - Sanyo Semicon Device
Part # LC4608C
Download  LC4608C Download
File Size   177.72 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Printer Head Driver

LC4608C Datasheet (PDF)

Go To PDF Page Download Datasheet
LC4608C Datasheet PDF - Sanyo Semicon Device

Part # LC4608C
Download  LC4608C Click to download

File Size   177.72 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Printer Head Driver

LC4608C Datasheet (HTML) - Sanyo Semicon Device


LC4608C Product details

Overview
The LC4608C is a driver for ink-jet printer heads with 64-bit output. It converts 4-bit parallel input into 16-step gray scale output by regulating the transmission gate’s output time.

Features
This 64-bit CMOS driver with 16-step gray scale output and high withstand voltage offers the following features.
• Built-in 64 × 4-bit static shift register
• Built-in 64 × 4-bit static latch
• 16-step gray scale output from 4-bit parallel input
• Built-in 64 × 2-channel transmission gate output
• Transmission gate on resistance of 60 Ω (typ.) 100 Ω (max)
• CMOS process with high withstand voltage (42 V)




Similar Part No. - LC4608C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LC461MHR4-95G MARKTECH-LC461MHR4-95G Datasheet
59Kb / 3P
Red 95 5mm LED lamp with tinted diffused lens and stand offs.
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
Green 95 5mm LED lamp with tinted diffused lens and stand offs
More results


Similar Description - LC4608C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3705 SANYO-2SC3705 Datasheet
79Kb / 3P
Printer Driver Applications
LB1246 SANYO-LB1246 Datasheet
69Kb / 3P
Active-Low Input Printer Driver?
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
Printer Driver?
logo
Rohm
BD6794EFV ROHM-BD6794EFV Datasheet
325Kb / 6P
1chip motor driver for printer
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
Printer Solenoid Driver
logo
Toshiba Semiconductor
MP4209 TOSHIBA-MP4209_07 Datasheet
173Kb / 7P
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
27-Oct-2006
MP4210 TOSHIBA-MP4210_07 Datasheet
172Kb / 7P
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
27-Oct-2006
MP4211 TOSHIBA-MP4211_07 Datasheet
173Kb / 7P
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
27-Oct-2006
MP4412 TOSHIBA-MP4412_07 Datasheet
179Kb / 8P
High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com