Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX5T951GTC Datasheet (PDF) - Diodes Incorporated

ZX5T951GTC Datasheet PDF - Diodes Incorporated
Part # ZX5T951GTC
Download  ZX5T951GTC Download
File Size   133.75 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZX5T951GTC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX5T951GTC Datasheet PDF - Diodes Incorporated

Part # ZX5T951GTC
Download  ZX5T951GTC Click to download

File Size   133.75 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZX5T951GTC Datasheet (HTML) - Diodes Incorporated


ZX5T951GTC Product details

Features
• BVCEO > -60V
• IC = -5.5A High Continuous Collector Current
• ICM = -15A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -70mV @ -1A
• RSAT = 39mΩ for a Low Equivalent On-Resistance
• hFE Specified Up to -10A for a High Gain Hold Up
• Complementary NPN Type: ZX5T851G
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC Converters
• MOSFET & IGBT Gate Drivers
• Charging Circuits
• Power Switches
• Motor Control




Similar Part No. - ZX5T951GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T951GTC ZETEX-ZX5T951GTC Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Similar Description - ZX5T951GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com