Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012G Datasheet (PDF) - Diodes Incorporated

ZXTP2012G Datasheet PDF - Diodes Incorporated
Part # ZXTP2012G
Download  ZXTP2012G Download
File Size   132.89 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZXTP2012G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP2012G Datasheet PDF - Diodes Incorporated

Part # ZXTP2012G
Download  ZXTP2012G Click to download

File Size   132.89 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZXTP2012G Datasheet (HTML) - Diodes Incorporated


ZXTP2012G Product details

DESCRIPTION
Packaged in the SOT223 outline this new low saturation 60V PNP transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extremely low equivalent on-resistance; RSAT = 39mV at 5A
• 5.5 amps continuous current
• Up to 15 amps peak current
• Very low saturation voltages
• Excellent gain characteristics specified up to 10 Amps

APPLICATIONS
• DC - DC converters
• MOSFET gate drivers
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZXTP2012G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012GTA ZETEX-ZXTP2012GTA Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012GTA DIODES-ZXTP2012GTA Datasheet
451Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXTP2012GTC ZETEX-ZXTP2012GTC Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results


Similar Description - ZXTP2012G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com