Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2012G
Description  60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2012G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2012G Datasheet HTML 1Page - Diodes Incorporated ZXTP2012G Datasheet HTML 2Page - Diodes Incorporated ZXTP2012G Datasheet HTML 3Page - Diodes Incorporated ZXTP2012G Datasheet HTML 4Page - Diodes Incorporated ZXTP2012G Datasheet HTML 5Page - Diodes Incorporated ZXTP2012G Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = -60V : RSAT = 39m ; IC = -5.5A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 60V PNP transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
Extremely low equivalent on-resistance; R
SAT = 39mV at 5A
5.5 amps continuous current
Up to 15 amps peak current
Very low saturation voltages
Excellent gain characteristics specified up to 10 Amps
APPLICATIONS
DC - DC converters
MOSFET gate drivers
Charging circuits
Power switches
Motor control
DEVICE MARKING
ZXTP
2012
ZXTP2012G
ISSUE 1 - JUNE 2005
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTP2012GTA
7”
12mm
embossed
1,000 units
ZXTP2012GTC
13”
4,000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT223


Similar Part No. - ZXTP2012G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012GTA ZETEX-ZXTP2012GTA Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012GTA DIODES-ZXTP2012GTA Datasheet
451Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXTP2012GTC ZETEX-ZXTP2012GTC Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results

Similar Description - ZXTP2012G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com